PART |
Description |
Maker |
X40233 |
Integrated System Management IC Triple Voltage Monitors, POR, 2 kbit EEPROM Memory, and Single DCP
|
Xicor
|
MAX1971 MAX197009 MAX1970EEE MAX1971EEE MAX1972EEE |
Dual, 180掳 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
|
Maxim Integrated Products Maxim Integrated Produc...
|
EUP7212 EUP7212-18_28JIR0 EUP7212-18_28JIR1 EUP721 |
Dual 150/300mA LDO with POR
|
Electronic Theatre Controls, Inc. ETC List of Unclassifed Manufacturers
|
OEC7091 |
One chip utilizado por varias marcas de TV
|
ETC
|
LT6118HMS8TRPBF LT6118HMS8PBF |
Current Sense Amplifier, Reference and Comparator with POR
|
Linear Technology
|
MAX8529 |
1.5MHz Dual 180?? Out-of-Phase PWM Step-Down Controller with POR
|
Maxim
|
CPGS-9160-M12-C |
3U Compac tPCI EN50155 16-por t managed Gigabit Ethernet Switch
|
ORing Industrial Networ...
|
X952006 X9520B20I-A X9520V20I-B X9520V20I-A X9520V |
Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
|
INTERSIL[Intersil Corporation]
|
HD74ALVC1G04VSE HD74ALVC1G04 |
Standard IC>General-Purpose Logics>Uni-Logic 74ALVC 1G/2G Series>74ALVC1G Series Single Inverter Buffer
|
RENESAS[Renesas Electronics Corporation]
|
STR10006 |
STR10006 Una forma Ingeniosa de Reparar los reguladores STR 10006 y similares / procedimiento aportado por Gustavo A
|
List of Unclassifed Manufacturers N.A. ETC Salto
|
UPD78F4225 UPD78F4225GC-8BT UPD78F4225Y UPD78F4225 |
80-pin general-purpose 16-bit single-chip microcomputer 16-bit single-chip microcomputer for system control System control 16-bit single-chip microcomputer 64KB flash memory on-chip 16-bit of 78K/4 Series Analog amplifier: I2C on-chip ROM 96K version VTR servo application 16-bit single-chip micon having 78K4 Series 32KB memory 16-bit single chip microcomputer(for VTR servo microcomputer) Analog amplifier I2C flash memory 128K version VTR 16-bit single having 78K/4 Series 32KB memory
|
NEC
|